Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP490CS Datasheet(PDF) 3 Page - Exar Corporation

Part # SP490CS
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490CS Datasheet(HTML) 3 Page - Exar Corporation

  SP490CS Datasheet HTML 1Page - Exar Corporation SP490CS Datasheet HTML 2Page - Exar Corporation SP490CS Datasheet HTML 3Page - Exar Corporation SP490CS Datasheet HTML 4Page - Exar Corporation SP490CS Datasheet HTML 5Page - Exar Corporation SP490CS Datasheet HTML 6Page - Exar Corporation SP490CS Datasheet HTML 7Page - Exar Corporation SP490CS Datasheet HTML 8Page - Exar Corporation SP490CS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
T
MINtoTMAXandVCC=5V±5%unlessotherwisenoted.
PARAMETERS
MIN.
TYP.
MAX. UNITS CONDITIONS
SP490RECEIVER
ACCharacteristics
Maximum Data Rate
5
Mbps
Receiver Input to Output
90
50
ns
t
PLH; RDIFF = 54Ω,
C
L = CL2 = 00pF; Figures 3 & 8
Receiver Input to Output
90
50
ns
t
PHL; RDIFF = 54Ω,
C
L = CL2
=
00pF; Figures 3 & 8
Diff. Receiver Skew It
PLH-tPHLI
3
ns
R
DIFF = 54Ω; CL = CL2 = 00pF;
Figures 3 & 8
POWERREQUIREMENTS
Supply Voltage
+4.75
+5.25 Volts
Supply Current
900
µA
ENVIRONMENTALAND
MECHANICAL
Operating Temperature
Commercial (C_)
0
+70
°C
Industrial (E_)
-40
+85
°C
Storage Temperature
-65
+50 °C
Package
Plastic DIP (_S)
NSOIC (_N)
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2 Circuit
Figure . Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
ELECTRICALCHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com