Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP490CS Datasheet(PDF) 7 Page - Exar Corporation

Part # SP490CS
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP490CS Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP490CS Datasheet HTML 3Page - Exar Corporation SP490CS Datasheet HTML 4Page - Exar Corporation SP490CS Datasheet HTML 5Page - Exar Corporation SP490CS Datasheet HTML 6Page - Exar Corporation SP490CS Datasheet HTML 7Page - Exar Corporation SP490CS Datasheet HTML 8Page - Exar Corporation SP490CS Datasheet HTML 9Page - Exar Corporation SP490CS Datasheet HTML 10Page - Exar Corporation SP490CS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
DESCRIPTION
The
SP490andSP491arefull-duplexdifferen-
tialtransceiversthatmeettherequirementsof
RS-485 and RS-422. Fabricated with a
Sipex proprietary BiCMOS process, both
products require a fraction of the power of
older bipolar designs.
The RS-485 standard is ideal for multi-drop
applications or for long-distance interfaces.
RS-485 allows up to 32 drivers and 32
receivers to be connected to a data bus,
making it an ideal choice for multi-drop
applications. Since the cabling can be as
long as 4,000 feet, RS-485 transceivers are
equipped with a wide (-7V to +2V) com-
mon mode range to accommodate ground
potential differences. Because RS-485
is a differential interface, data is virtually
immune to noise in the transmission line.
Driver...
The drivers for both the
SP490 and SP491
have differential outputs. The typical voltage
output swing with no load will be 0 volts to
+5 volts. With worst case loading of 54Ω
across the differential outputs, the driver can
maintain greater than .5V voltage levels.
The driver of the
SP491 has a driver enable
control line which is active high. A logic high
on DE (pin 4) of the
SP491 will enable
the differential driver outputs. A logic low
on DE (pin 4) of the
SP491 will tri-state the
driver outputs. The
SP490 does not have a
driver enable.
Receiver...
The receivers for both the
SP490andSP491
havedifferentialinputswithaninputsensitiv-
ityaslowas±200mV.Inputimpedanceofthe
receivers is typically 15kΩ (12kΩ minimum).
A wide common mode range of -7V to +2V
allows for large ground potential differences
between systems.The receivers for both the
SP490 and SP491 are equipped with the
fail-safe feature. Fail-safe guarantees that
the receiver output will be in a high state
when the input is left unconnected.
The receiver of the
SP491 has a receiver
enable control line which is active low.Alogic
low on REB (pin 3) of the
SP491 will enable
the differential receiver. A logic high on REB
(pin 3) of the
SP491 will tri-state the re-
ceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com