Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705CP Datasheet(PDF) 1 Page - Exar Corporation

Part # SP705CP
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705CP Datasheet(HTML) 1 Page - Exar Corporation

  SP705CP Datasheet HTML 1Page - Exar Corporation SP705CP Datasheet HTML 2Page - Exar Corporation SP705CP Datasheet HTML 3Page - Exar Corporation SP705CP Datasheet HTML 4Page - Exar Corporation SP705CP Datasheet HTML 5Page - Exar Corporation SP705CP Datasheet HTML 6Page - Exar Corporation SP705CP Datasheet HTML 7Page - Exar Corporation SP705CP Datasheet HTML 8Page - Exar Corporation SP705CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
SP705-708/813L
Low Power Microprocessor Supervisory Circuits
s Precision Voltage Monitor:
SP705/707/813L at 4.65V
SP706/708 at 4.40V
s RESET Pulse Width - 200ms
s Independent Watchdog Timer - 1.6s
Timeout (SP705/706/813L)
s 60
µA Maximum Supply Current
s Debounced TTL/CMOS Manual Reset Input
s RESET Asserted Down to V
CC = 1.1V
s Voltage Monitor for Power Failure or Low
Battery Warning
s Available in 8-pin PDIP, NSOIC, and
µSOIC packages
s Pin Compatible Enhancement to Industry Standard 705-708/813L Series
s Functionally Compatible to Industry Standard 1232 Series
DESCRIPTION…
The SP705-708/813L series is a family of microprocessor (
µP) supervisory circuits that
integrate myriad components involved in discrete solutions which monitor power-supply and
battery in
µP and digital systems. The SP705-708/813L series will significantly improve
system reliability and operational efficiency when compared to solutions obtained with discrete
components. The features of the SP705-708/813L series include a watchdog timer,
a
µP reset, a Power Fail Comparator, and a manual-reset input. The SP705-708/813L
series is ideal for applications in automotive systems, computers, controllers, and intelligent
instruments. The SP705-708/813L series is an ideal solution for systems in which critical
monitoring of the power supply to the
µP and related digital components is demanded.
Part
RESET
RESET
Manual
PFI
Number
Threshold
Active
RESET
Watchdog
Accuracy
SP705
4.65 V
LOW
YES
YES
4%
SP706
4.40 V
LOW
YES
YES
4%
SP707
4.65 V
LOW and HIGH
YES
NO
4%
SP708
4.40 V
LOW and HIGH
YES
NO
4%
SP813L
4.65 V
HIGH
YES
YES
4%
Now available in Lead Free


Similar Part No. - SP705CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705CP SIPEX-SP705CP Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705CP SIPEX-SP705CP Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705CP SIPEX-SP705CP Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP705CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com