Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705CU Datasheet(PDF) 12 Page - Exar Corporation

Part # SP705CU
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705CU Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP705CU Datasheet HTML 8Page - Exar Corporation SP705CU Datasheet HTML 9Page - Exar Corporation SP705CU Datasheet HTML 10Page - Exar Corporation SP705CU Datasheet HTML 11Page - Exar Corporation SP705CU Datasheet HTML 12Page - Exar Corporation SP705CU Datasheet HTML 13Page - Exar Corporation SP705CU Datasheet HTML 14Page - Exar Corporation SP705CU Datasheet HTML 15Page - Exar Corporation SP705CU Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
12
sensitivity to high-frequency noise on the
line being monitored. RESET can be used to
monitor voltages other than the +5V V
CC
line. Connect PFO to MR to initiate a RESET
pulse when PFI drops below 1.25V. Figure 17
shows the SP705/706/707/708 configured to
assert RESET when the +5V supply falls below
the RESET threshold, or when the +12V supply
falls below approximately 11V.
Monitoring a Negative Voltage Supply
The power-fail comparator can also monitor a
negative supply rail, shown in Figure 18. When
the negative rail is good (a negative voltage of
large magnitude), PFO is LOW. By adding the
resistors and transistor as shown, a HIGH PFO
triggers RESET. As long as PFO remains HIGH,
the SP705-708/813L will keep RESET
asserted (where RESET = LOW and RESET =
HIGH). Note that this circuit's accuracy de-
pends on the PFI threshold tolerance, the V
CC
line, and the resistors.
Figure 18. Monitoring a Negative Voltage Supply
Figure 19. Interfacing to Microprocessors with
Bidirectional RESET I/O for the SP705/706/707/708
Interfacing to mPs with Bidirectional
RESET Pins
µPs with bidirectional RESET pins, such as the
Motorola 68HC11 series, can contend with the
SP705/706/707/708 RESET output.
If, for
example, the RESET output is driven HIGH and
the
µP wants to pull it LOW, indeterminate
logic levels may result. To correct this, connect
a 4.7K
Ω resistor between the RESET output and
the
µP reset I/O, as shown if Figure 19. Buffer
the RESET output to other system components.
VCC
+5V
GND
VCC
+5V
GND
RESET
RESET
4.7K
Ω
µP
Buffered RESET connects to System Components
PFI
PFO
R2
R1
VCC
+5V
GND
PFO
V-
+5V
VTRIP
0V
0V
5.0 - 1.25
R1
1.25 - VTRIP
R2
V-
=
10K
Ω
10K
Ω
RESET
to
µP
2N3904
, VTRIP < 0
V-
MR
0V
+5V
MR
100K
Ω
100K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com