Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3085E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 4 Page - Exar Corporation

  SP3085E Datasheet HTML 1Page - Exar Corporation SP3085E Datasheet HTML 2Page - Exar Corporation SP3085E Datasheet HTML 3Page - Exar Corporation SP3085E Datasheet HTML 4Page - Exar Corporation SP3085E Datasheet HTML 5Page - Exar Corporation SP3085E Datasheet HTML 6Page - Exar Corporation SP3085E Datasheet HTML 7Page - Exar Corporation SP3085E Datasheet HTML 8Page - Exar Corporation SP3085E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
4
ABSOLUTE MAxIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
These are stress ratings only and functional operation of
the device at these ratings or any other above those indi-
cated in the operation sections of the specifications below
is not implied. Exposure to absolute maximum rating con-
ditions for extended periods of time may affect reliability.
Supply Voltage (VCC).......................................................+ 7.0V
Input voltage at control input pins (RE, DE)... -0.3V to Vcc+0.3V
Driver input voltage (DI) ..............................-0.3V to Vcc+0.3V
Driver output voltage (A, B, Y, and Z) ............................+/-13V
Receiver output voltage (RO) ..................-0.3V to (Vcc + 0.3V)
Receiver input voltage (A, B) .........................................+/-13V
Package Power Dissipation:
Maximum Junction Temperature 150°C
8-Pin SO Θja = 128.4°C/W
14-Pin SO Θja = 86°C/W
Storage Temperature.......................................-65°C to +150°C
Lead Temperature (soldering, 10s)............................... +300°C
Recommended Operating Conditions
Min.
Nom.
Max.
Unit
Supply Voltage, Vcc
4.5
5
5.5
V
Input Voltage on A and B pins
-7
12
V
High-level input voltage (DI, DE or RE), Vih
2
Vcc
V
Low-level input voltage (DI, DE or RE), Vih
0
0.8
V
Output Current
Driver
-60
60
mA
Receiver
-8
8
Signaling Rate, 1/tui
SP3080, SP3081, SP3082
0.115
Mbps
SP3083, SP3084, SP3085
0.5
SP3086, SP3087, SP3088
20
Operating Free Air
Temperature, Ta
Industrial Grade (E)
-40
85
°C
Note: The least positive (most negative) limit is designated as the maxium value.
Vcc=5V ±5%, Tmin to Tmax, unless otherwise noted, Typical values are Vcc=5V and Ta=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com