Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3085E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3085E Datasheet HTML 4Page - Exar Corporation SP3085E Datasheet HTML 5Page - Exar Corporation SP3085E Datasheet HTML 6Page - Exar Corporation SP3085E Datasheet HTML 7Page - Exar Corporation SP3085E Datasheet HTML 8Page - Exar Corporation SP3085E Datasheet HTML 9Page - Exar Corporation SP3085E Datasheet HTML 10Page - Exar Corporation SP3085E Datasheet HTML 11Page - Exar Corporation SP3085E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
8
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Voltage vs Differential
Input Voltage
Driver Output Current
vs Differential Output Voltage
0.01
0.1
1
10
100
0
1
2
3
4
5
6
Differential Output Voltage (V)
-120
-100
-80
-60
-40
-20
0
-2
0
2
4
6
Output High Voltage (V)
Output Current vs Driver Output High
Voltage
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
RL=54
RL =100
Driver Differential Output Voltage vs
Temperature
0.1
0.15
0.2
0.25
0.3
0.35
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
IOUT=8mA, VID=-200mV
Receiver Output Low Voltage vs
Temperature
Receiver Output High Voltage vs
Temperature
3.5
3.6
3.7
3.8
3.9
4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
IOUT=8mA, VID=-40mV
0
1
2
3
4
5
-200 -180 -160 -140 -120 -100 -80
-60
-40
-20
0
Differential Input Voltage (mV)
VCC=5V
TA=25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com