Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137CU-L/TR Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6137CU-L/TR
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137CU-L/TR Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6137CU-L/TR Datasheet HTML 5Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 6Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 7Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 8Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 9Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 10Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 11Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 12Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
9/15
Rev. 2.0.0
exceed the tolerance limits expected on the
output
voltage.
During
an
output
load
transient, the output capacitor must supply all
the additional current demanded by the load
until the SP6137CU adjusts the inductor
current to the new value.
Therefore the capacitance must be large
enough so that the output voltage is help up
while the inductor current ramps up or down
to the value corresponding to the new load
current. Additionally, the ESR in the output
capacitor causes a step in the output voltage
equal to the current. Because of the fast
transient response and inherent 100% and 0%
duty
cycle
capability
provided
by
the
SP6137CU when exposed to output load
transient, the output capacitor is typically
chosen for ESR, not for capacitance value.
The output capacitor’s ESR, combined with the
inductor ripple current, is typically the main
contributor to output voltage ripple. The
maximum allowable ESR required to maintain
a specified output voltage ripple can be
calculated by:
PP
OUT
ESR
I
V
R
Δ
≤
ΔVOUT = Peak to Peak Output Voltage Ripple
IPP = Peak to Peak Inductor Ripple Current
The total output ripple is a combination of the
ESR and the output capacitance value and can
be calculated as follows:
()
()2
2
1
ESR
PP
S
OUT
PP
OUT
R
I
F
C
D
I
V
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Δ
Where:
FS = Switching Frequency
D = Duty Cycle
COUT = Output Capacitance Value
INPUT CAPACITOR SELECTION
The input capacitor should be selected for
ripple current rating, capacitance and voltage
rating. The input capacitor must meet the
ripple current requirement imposed by the
switching current. In continuous conduction
mode, the source current of the high-side
MOSFET is approximately a square wave of
duty cycle VOUT/VIN. Most of this current is
supplied by the input bypass capacitors. The
RMS value of input capacitor current is
determined at the maximum output current
and under the assumption that the peak to
peak inductor ripple current is low, it is given
by:
()
(
)
()
D
D
I
I
OUT
rms
CIN
−
=
1
max
The worse case occurs when the duty cycle D
is 50% and gives an RMS current value equal
to IOUT/2.
Select input capacitors with adequate ripple
current rating to ensure reliable operation. The
power dissipated in the input capacitor is:
()
()
CIN
ESR
rms
CIN
CIN
R
I
P
2
=
This can become a significant part of power
losses in a converter and hurt the overall
energy transfer efficiency. The input voltage
ripple primarily depends on the input capacitor
ESR and capacitance. Ignoring the inductor
ripple current, the input voltage ripple can be
determined by:
()
(
)
()
(
)
2
max
max
IN
IN
S
OUT
IN
OUT
OUT
CIN
ESR
OUT
IN
V
C
F
V
V
V
I
R
I
V
−
+
=
Δ
The capacitor type suitable for the output
capacitors can also be used for the input
capacitors. However, exercise extra caution
when tantalum capacitors are considered.
Tantalum
capacitors
are
known
for
catastrophic failure when exposed to surge
current, and input capacitors are prone to
such surge current when power supplies are
connected “live” to low impedance power
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com