Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137CU-L/TR Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6137CU-L/TR
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137CU-L/TR Datasheet(HTML) 4 Page - Exar Corporation

  SP6137CU-L/TR Datasheet HTML 1Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 2Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 3Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 4Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 5Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 6Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 7Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 8Page - Exar Corporation SP6137CU-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
4/15
Rev. 2.0.0
PIN ASSIGNEMENT
Fig. 3: SP6137 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
VCC
1
Bias Supply Input. Connect to external 5V supply. Used to power internal circuits and
low side gate driver.
GL
2
High current driver output for the low side NFET switch. It is always low if GH is high or
during a fault. Resistor pull down ensure low state at low voltage.
GND
3
Ground Pin. The control circuitry of the IC and lower power driver are referenced to this
pin. Return separately from other ground traces to the (-) terminal of COUT.
VFB
4
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the Error
Amplifier and serves as the output voltage feedback point for the Buck Converter. The
output voltage is sensed and can be adjusted through an external resistor divider.
Whenever VFB drops 0.25V below the positive reference, a short circuit fault is detected
and the IC enters hiccup mode.
COMP
5
Output of the Error Amplifier. It is internally connected to the inverting input of the
PWM comparator. An optimal filter combination is chosen and connected to this pin and
either ground or VFB to stabilize the voltage mode loop.
UVIN
6
UVLO input for VIN voltage. Connect a resistor divider between VIN and UVIN to set
minimum operating voltage.
SS
7
Soft Start. Connect an external capacitor between SS and GND to set the soft start rate
based on the 10μA source current. The SS pin is held low via a 1mA (min) current
during all fault conditions.
SWN
8
Lower supply rail for the GH high-side gate driver. Connect this pin to the switching
node at the junction between the two external power MOSFET transistors.
GH
9
High current driver output for the high side NFET switch. It is always low if GL is high or
during a fault. Resistor pull down ensure low state at low voltage.
BST
10
High side driver supply pin. Connect BST to the external boost diode and capacitor as
shown in the Typical Application Circuit on page 1. High side driver is connected
between BST pin and SWN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com