Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2159 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA2159 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristic
Symbol
Ratings
Unit
Positive Supply Voltage
VCC
+15
V
Negative Supply Voltage
VEE
-15
V
Supply Current
ICC
30
mA
Power Dissipation
PD
330
mW
Operating Temperature Range
TOP
-20~+75
°C
Storage Temperature Range
TST
-40~+125
°C
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
+4
+12
+15
V
Supply Voltage
VEE
-4
-12
-15
V
Bias Current
ISET
VCC- VEE=24V
-
2
2.4
mA
Signal Current
IIN+IOUT
ISET=2.4mA
-
125
550
µA
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, VCC+=+15V, VCC-=-15V, Tamb =25°C)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Current
ICC
No signal
-
2
3
mA
Equiv. Input Bias Current
IB
No signal
-
5
20
nA
Input Offset Voltage
VOFF(IN)
No signal
-
+10
-
mV
Output Offset Voltage
VOFF(OUT)
ROUT=20K
Ω
0 dB gain
THD adj for min
-
1
mV
Gain Cell Idling Current
IIDLE
-
20
-
µA
Gain-Control Constant
EC+
EC-
Tamb=20
°C
-60dB<gain<+40 dB
Pins 2&4(fig.13)
Pin 3
5.8
-5.8
5.9
-5.9
6.1
-6.1
mV/dB
mV/dB
Gain-Control Temp Co
∆EC/∆Tamb Tamb~27°C
-
-0.33
-
%/
°C
Gain-Control Linearity
-60~40dB gain
-
0.5
2
%
Offset Isolation(Fig.14)
EC+=-360mV, EC-=+360mV
110
115
-
dB
Output Noise
en(OUT)
20Hz-20kHz
ROUT=20K
Ω
0dBain
+15dBain
-
-
-97
-88
-89
-82
dBV
dBV
Symmetry Control Voltage
VSYM
AV=0dB, THD<0.07%
-4
0
+4
mV
Total Harmonic Distortion
THD
IOUT=30
µA,1KHz
0dB gain
+20dB gain
-20dB gain
-
-
-
0.007
0.02
0.02
0.07
0.10
0.15
%
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com