Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2159 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA2159 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 3 of 11
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Symbol
Description
1
IN
Signal input
2
EC+
Positive exponential control
3
EC-
Negative exponential control
4
EC+(SYM)
Symmetry control
5
V-
Negative power
6
GND
Ground
7
V+
Positive power
8
OUT
Output
FUNCTION DESCRIPTION
OPERATING THEORY
The SA2159 VCA is designed for high performance in audio frequency applications which requires exponential
gain control, low distortion, wide dynamic range and low DC bias modulation. The gain control part controls gain
by converting an input current signal to a bipolar logged voltage, adding a DC control voltage and reconverting
the summed voltage back to a current through a bipolar antilog circuit.
The simplified internal circuit diagram of the IC is shown in figure 1. The AC input signal current flows in the
input pin 1, which is maintained at a virtual ground potential by the internal op amp.
Figure 1. Simplified internal circuit diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com