Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23M28 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC23M28
Description  8KBIT MEMORY CARD IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23M28 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC23M28 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SC23M28
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 2 of 10
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Ratings
Unit
Power Supply Voltage
VCC
-0.3~6
V
Input Voltage
VI
-0.3~6
V
Storage Temperature
Tstg
-40~125
°C
Power Dissipation
Ptot
60
mW
DC ELECTRICAL CHARACTERISTICS (VCC=5V, Tamb =25°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
2.4
--
5.5
V
Supply Current
ICC
--
2
10
mA
H Input Voltage(I/O, CLK, RST)
VIH
3.0
--
VCC
V
L Input Voltage(I/O, CLK, RST)
VIL
0
--
1.2
V
H Input Current (I/O, CLK, RST)
IH
--
3
5
µA
L Output Current (VL=0.4V, Open-
drain)
IOL
0.5
1.0
--
mA
H
Leakage
Current
(VH=VCC,
Open-drain)
IOH
--
--
1
µA
Input Capacitance
Ci
--
--
10
pF
Operating Frequency
F
--
20
--
kHz
AC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VCC=5.0V, Tamb=25
°C, and testing frequency is 20kHz)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Reset Time
tRE
9
--
--
µs
CLK (High Level)
tH
10
--
--
µs
CLK (Low Level)
tL
10
--
--
µs
Write Time
tW
5
--
--
ms
Erase Time
tE
5
--
--
ms
Set Up Time(D/CLK)
td1
4
--
--
µs
Set Up Time (CLK/RST)
td3
4
--
--
µs
Set Up Time (RST/CLK)
td4
4
--
--
µs
Hold Time(D/CLK)
td5
4
--
--
µs
Delay Time(CLK/D)
td2
6
--
--
µs
Rise Time(I/O, CLK, RST)
tR
--
--
1
µs
Fall Time(I/O, CLK, RST)
tF
--
--
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com