Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23M28 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC23M28
Description  8KBIT MEMORY CARD IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23M28 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC23M28 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC23M28
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 4 of 10
Figure 1 Reset and reset acknowledge
VCC
RST
CLK
I/O
1
2
3
31
32
32
31
1
2
3
td4
RST
td4
td2
tH
tL
td5
CLK
I/O
2. Instruction format
The chip inputs and outputs the data by I/O ports, and the RST signal will control the direction of the data;
RST=1, I/O is instruction input;
RST=0, I/O is data output.
Instruction table
Byte1
Byte2
Byte3
S0 S1 S2 S3 S4 S5
A8 A9
A0-A7
D0-D7
Operation
1 0
0 0 1 1
Input data
With bit-protect erasure or write
1 1
0 0 1 1
Input data
Without bit-protect erasure or write
0 0
0 0 1 1
Comparative data
Write protect bit with data comparison
0 0
1 1 0 0
Invalid
With bit-protect read
0 1
1 1 0 0
Address
bit
8, 9
Address
bit
0-7
Invalid
Without bit-protect read
0 1
0 0 1 1
253
Bit mask code
Write error counter
1 0
1 1 0 0
254
PSC code 1
Authentication PSC code 1
1 0
1 1 0 0
1 1
255
PSC code 2
Authentication PSC code 2
Figure 2 Command input time sequence



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com