Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616ER-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7616ER-L/TR
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616ER-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP7616ER-L/TR Datasheet HTML 1Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 2Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 3Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 4Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 5Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
2/11
Rev. 2.0.4
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VIN............................................................ -0.3V to 32V
LED1, LED2, LED3, LED4 ............................. -0.3V to 32V
ISET, PWM ................................................. -0.3V to 6.0V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation ................................ Internally Limited
Lead Temperature (Soldering, 10 sec) ................... 300°C
OPERATING RATINGS
Input Voltage Range VIN................................4.5V to 30V
Junction Temperature Range ....................-40°C to 100°C
Thermal Resistance θJA ...................................... 59°C/W
ESD Rating (HBM - Human Body Model) .................... 2kV
ESD Rating (MM - Machine Model)........................... 500V
Operating Junction Temperature ............ -40°C to +125°C
Power Dissipation.................................Internally Limited
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = 4.5V to 30V, CIN = 1uF, TJ = –40°C to 125°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Input Voltage Range
4.5
30
V
•
Shutdown Supply Current
30
60
μA
Voltage at ISET is pulled to 3V Vin 30V
Quiescent Supply Current
350
500
μA
No LED connected, VLED pins are tied to
GND. RSET=1MΩ
Quiescent Supply Current
1
1.5
mA
ILED = 30mA
Quiescent Supply Current
1.5
3
mA
ILED = 60mA
LED Current Matching
-3
0.5
3
%
•
Relative to average of all 4 channels
LED Current Line Regulation
0.1
1
%/V
VLED = 0.5V to 25V , VIN = 28V,
RSET =50kΩ
Line Regulation
0.05
0.1
% / V
VIN = 4.5V to 25V, VLED=0.5V (Note 2)
Maximum LED Current per
channel
60
mA
RSET = 17.4kΩ,
LED Leakage Current
2
μA
PWM pin LOW, VLED = 1V, VIN= 5V
Dropout Voltage
0.30
0.45
V
(Note 3)
1032
1075
1118
Output Current Multiplication
Ratio K = ILED•RSET
1000
1075
1130
•
ILED = 30mA, RSET=35.833kΩ,
0°C ≤ TJ ≤ 125°C
ISET Voltage
1
V
Thermal Shutdown Die
Temperature
150
°C
Thermal Shutdown Hysteresis
15
20
°C
ILED = 0mA. LED current will self recover
when temperature drops below the trip
point, minus thermal shut down
hysteresis.
PWM Pin Logic LOW
0.8
V
Driver is disabled
PWM Pin Logic HIGH
2.4
5.5
V
Driver is active
PWM pin Hysteresis
400
mV
ISET Shutdown Threshold
3
V
•
If ISET is pulled above this threshold the
device goes into full shutdown
ISET Shutdown Threshold
Hysteresis
0.3
V
Typical PWM Maximum Dimming
Frequency
5
kHz
Applied to PWM pin. See typical
performance curves.
Typical PWM Dimming Duty
Cycle Range
10
90
%
Applied to PWM pin @ 5kHz. See typical
performance curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com