Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616ER-L/TR Datasheet(PDF) 7 Page - Exar Corporation

Part # SP7616ER-L/TR
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616ER-L/TR Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP7616ER-L/TR Datasheet HTML 3Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 4Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 5Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7616ER-L/TR Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
7/11
Rev. 2.0.4
THEORY OF OPERATION
INTRODUCTION
The SP7616 is a four-channel constant current
source LED driver with programmable output
current level. The design consists of a
regulator reference voltage source, current
amplifier, and output driver. The precision
reference voltage ensures good performance
over voltage and temperature. The four
outputs are tightly coupled allowing for
excellent LED current matching.
SETTING LED CURRENT
The current in the LED strings is set by
adjusting the RSET resistor connected between
the ISET pin and ground. The LED current is
set using the following the following equation.
mA
R
K
I
SET
LED
=
Where:
K = Output Current Multiplication Ratio
ILED is the desired LED current
PWM DIMMING
The LED dimming control is done through the
PWM pin. The acceptable frequency range of
this signal is 100Hz to 5kHz. The acceptable
duty cycle range of the signal is 10% to 90%
at 1KHZ. When the PWM pin is driven low,
only the LED current sources are disabled
while the rest of the chip is still enabled.
ANALOG DIMMING CONTROL
Besides digital PWM control, the LED current
can be controlled continuously (from high to
low LED current) by raising the voltage at the
bottom of RSET, VMOD, from 0.0V to 1V
maximum.
This configuration is shown in
figure 1 below.
Figure 1
The RSET value may be determined from the
previous equation for VMOD = 0V.
The
equation below shows the effect of using a
VMOD in the circuit on the LED current.
()
mA
R
K
V
V
I
SET
MOD
LED
−
≈ 1
Where:
1V = Typical ISET Voltage
K = Output Current Multiplication Ratio
ILED is the desired LED current
VMOD is the adjustment voltage
Note that this method of current control is not
as precise as adjusting RSET. The voltage at
the ISET pin is adjusted slightly during
manufacturing to ensure that K, the output
current multiplication ratio, is as accurate as
possible.
When the SP7616 was originally
released at the end of 2006, the multiplication
ratio
and
ISET
voltage
were
specified
separately.
However, market feedback for
better
accuracy
when
using
RSET alone
prompted the change to the way the part is
specified today.
SHUTDOWN USING ISET PIN
In normal operation, the voltage at ISET pin is
around 1V. To ensure fast turn on at low duty
cycle and high PWM frequency, only the
output drivers are switching in PWM mode.
However, the whole chip can be shutdown by
pulling the voltage at ISET above 3V minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com