Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616EB Datasheet(PDF) 11 Page - Exar Corporation

Part # SP7616EB
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616EB Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP7616EB Datasheet HTML 3Page - Exar Corporation SP7616EB Datasheet HTML 4Page - Exar Corporation SP7616EB Datasheet HTML 5Page - Exar Corporation SP7616EB Datasheet HTML 6Page - Exar Corporation SP7616EB Datasheet HTML 7Page - Exar Corporation SP7616EB Datasheet HTML 8Page - Exar Corporation SP7616EB Datasheet HTML 9Page - Exar Corporation SP7616EB Datasheet HTML 10Page - Exar Corporation SP7616EB Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
11/11
Rev. 2.0.4
REVISION HISTORY
Revision
Date
Description
2.0.4
May 22, 2009
Reformat. Increased shutdown current to 60uA. Changed specification methodology
for setting LED current. Multiplier value changed to 1075 typical. Changed room and
over temp limits. Dropout voltage changed to 300mV typical, 450mV maximum.
Added additional information in applications “VIN Considerations” section. Updated
resistor values for Maximum LED current per channel specification and current
multiplication ratio. Changed PWM frequency and PWM duty cycle to typicals and
referred to new curves in the typical performance graph section.
FOR FURTHER ASSISTANCE
Email:
customersupport@exar.com
Exar Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
EXAR CORPORATION
HEADQUARTERS AND SALES OFFICES
48720 Kato Road
Fremont, CA 94538 – USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7030
www.exar.com
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein,
conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked; no responsibility, however,
is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all
such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com