Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616EB Datasheet(PDF) 8 Page - Exar Corporation

Part # SP7616EB
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616EB Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP7616EB Datasheet HTML 3Page - Exar Corporation SP7616EB Datasheet HTML 4Page - Exar Corporation SP7616EB Datasheet HTML 5Page - Exar Corporation SP7616EB Datasheet HTML 6Page - Exar Corporation SP7616EB Datasheet HTML 7Page - Exar Corporation SP7616EB Datasheet HTML 8Page - Exar Corporation SP7616EB Datasheet HTML 9Page - Exar Corporation SP7616EB Datasheet HTML 10Page - Exar Corporation SP7616EB Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
8/11
Rev. 2.0.4
VIN CONSIDERATIONS (IMPORTANT)
The VIN pin of the SP7616 (Pin 1) needs to be
connected to the anode of the LED for proper
operation. If these are not tied together, the
part can get into a latch condition as a result
of improper sequencing.
A second way the part can get into a latch
condition is if the input voltage falls below
1.5V but does not fall below 0.5V before the
power is re-applied.
In both cases, the latch condition can be
“reset” by pulling the input voltage below 0.5V
for >3 seconds. This latch is similar to what
one might experience with a uC if a reset was
not asserted after a brown out condition.
UNUSED CHANNELS AND LED 2 CHANNEL
(PIN 7)
LED 2 channel should never be grounded or
left unconnected it should always be used
during operation. Other unused channels can
be tied to the ground to save on power
consumption.
SHORTED LEDS
If all LEDs on a string are shorted, the LED
cathode voltage will be VIN. It is still a
working condition for this device but it
significantly increases the dissipated power.
At 20mA LED current and VIN = 30V
additional power dissipated in the package is
equal to 600mW that will increase die
temperature to 59°C/W x 0.6W = 35.4C,
where
59°C/W
is
the
package
thermal
resistance. Assuming that all other channels
are working at VLED =1.5V the die temperature
will be approximately 41°C above ambient
temperature and that decreases operating
temperature range. Also to protect the part if
too many LEDs are shorted, and the VLED
voltage becomes to high, making the part
dissipates
too
much
power,
the
over
temperature protection will shut the part off
when
the
die
temperature
reaches
approximately 150°C.
OVER-TEMPERATURE PROTECTION
The SP7616 has over-temperature protection
to prevent permanent damage to the device.
When the die temperature rises above 150°C
the output drivers are shut off. The output
current will self recover when the temperature
drops below the trip point with the preset
hysteresis of 15°C. Thus a part that shut off at
150°C will not try to restart unless the die
temperature is below 135°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com