Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC63C0316 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC63C0316
Description  AUDIO CONTROL SYSTEM WITH BUILTIN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC63C0316 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC63C0316 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SC63C0316
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 24
Three Power-Down Modes
* Idle: Only CPU clock stops
* Stop1: Main system or subsystem clock stops
* Stop2: Main system and subsystem clock stop
* CE low: PLL and IFC stop
Oscillation Sources
* Crystal or ceramic oscillator for main system clock
* Crystal for subsystem clock
* Main system clock frequency: 4.5 MHz (Typ)
* Subsystem clock frequency: 32.768 kHz (Typ)
* CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
* 0.9, 1.8, 14.2
µs at 4.5 MHz
* 122
µs at 32.768 kHz (subsystem)
Operating Temperature
* –40
°C to 85 °C
Operating Voltage Range
* 1.8 V to 5.5 V at 3MHz
* PLL/IFC operation: 2.5V to 3.5V or
4.0V to 5.5V
APPLICATIONS
* Auto audio system
* Other audio system
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 - 6.5
V
VI1
-0.3 - VDD +0.3
Input Voltage
VI2
-0.3 - VDD +0.3
V
Output Voltage
VO
-0.3 - VDD +0.3
V
-15
Output Current High
IOH
-30
mA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com