Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC63C0316 Datasheet(PDF) 21 Page - Silan Microelectronics Joint-stock

Part # SC63C0316
Description  AUDIO CONTROL SYSTEM WITH BUILTIN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC63C0316 Datasheet(HTML) 21 Page - Silan Microelectronics Joint-stock

Back Button SC63C0316 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 24Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SC63C0316
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 21 of 24
Table12. Maximum Number of Display Digits Per Duty Cycle
LCD Duty
LCD Bias
COM Output Pins
Maximum Digit Display 8 Segment Pins)
Static
Static
COM0
4
1/2
1/2
COM0–COM1
8
1/3
1/2
COM0–COM2
12
1/3
1/3
COM0–COM2
12
1/4
1/3
COM0–COM3
16
Table 13. LCD Mode Control Register (LMOD) Organization (8-Bit W)
LMOD.7
LCD voltage dividing register control bit
0
Internal voltage dividing resistor.
1
External voltage dividing resistor; internal voltage dividing resistors are off.
LMOD.6
Always logic zero
LMOD.5
LMOD.4
LCD Clock (LCDCK) Frequency
0
0
fw/2
9 = 64 Hz
0
1
fw/2
8 = 128 Hz
1
0
fw/2
7 = 256 Hz
1
1
fw/2
6 = 512 Hz
LMOD.3
LMOD.2
LMOD.1
LMOD.0
Duty and Bias Selection for LCD Display
0
x
x
x
LCD display off
1
0
0
0
1/4 duty, 1/3 bias
1
0
0
1
1/3 duty, 1/3 bias
1
0
1
0
1/2 duty, 1/2 bias
1
0
1
1
1/3 duty, 1/2 bias
1
1
0
0
Static
NOTE:'x' means 'don't care'.
LCD DRIVE VOLTAGE
The LCD display is turned on only when the voltage difference between the common and segment signals is
greater than VLCD. The LCD display is turned off when the difference between the common and segment signal
voltages is less than VLCD.
NOTE: The LCD panel display may deteriorate if a DC voltage is applied that lies between the common and
segment signal voltage. Therefore, always drive the LCD panel with AC voltage
COMMON (COM) SIGNALS
The common signal output pin selection (COM pin selection) varies according to the selected duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com