Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02P40 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC65D02P40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02P40 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC65D02P40 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC65D02P40
[Function description]
When external reset occurs, the initial value of timer(WDT_TimerH, WDT_TimerL)and 21-bit watchdog counter
are both cleared.
When use the clear module to reset the watchdog timer, the high 5-bit of the watchdog counter is cleared, the
low 16-bit will be loaded from the initial value register of timer again and begin to count.
When the low 16-bit of watchdog counter counts to FFFFH, the timer will overflow if increasing by 1 , then
reload the initial value of timer; At this time, if the interrupt mask bit (WDT_MASK)=“0” and the timer interrupt
enable bit(WDT_TimerEn)=“1”, it will generate timer interrupt signal, and WDT_FLAG is set.
Add 1 to the counting value of high 5-bit of watchdog timer when bit15 of watchdog counter changes from 1 to
0; the watchdog will generate reset signal if bit20 of watchdog counter changes from 1 to 0.
3.2 I/O ports
[Description]
SC65D02P40 includes three groups of I/O ports: P0, P1 and P2. P0 and P2 are 8-bit parallel ports, while P1 is
4-bit parallel port.
Each I/O port of SC65D02P40 can be set independently as weak pull-up input or push-pull output status. The
high level output capacity of the port is much bigger than low level output capacity, so it can identify the dual-
key or multi-key pressing at the same time.
[Structure]
Figure 4 – P0 structure
Note: The structure of P1 and P2 is the same as P0.
[Function description]
As shown in figure 4, we take P0 for example to introduce the I/O port function. The function of P1 and P2 is
the same with that of P0.
When P0_Ctrl[n] is set, PMOS P1 and NMOS N1 are both off, PMOS P2 is on, pull-up resistor Rpu is active,
and port P0n is input mode.
When P0_Ctrl[n] is cleared, PMOS P2 is off, port P0n is output mode. At this time, when P0_Data[0] is set,
PMOS P1 is on, NMOS N1 is off, and port P0n outputs high level; when P0_Data[0] is cleared, PMOS P1 is
off, NMOS N1 is on, and port P0n outputs low level.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.21
Http: //www.silan.com.cn
Page 7 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com