Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02P40 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC65D02P40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02P40 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC65D02P40 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SC65D02P40
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Low Level Output
Voltage
VOL
No load
--
--
0.1VDD
V
P0/P1/P2
4.4
4.5
4.6
mA
P30
9.8
12
12.3
mA
High Level Current On
Output Pin
IOH
VOH=2.7V
CYOUT
9.8
10
10.2
mA
P0/P1/P2
9.8
10
10.2
mA
P30
9.8
12
12.3
mA
Low Level Current On
Output Pin
IOL
VOL=0.3V
CYOUT
9.8
10
10.2
mA
Port Pull-Up Resistor
Rpu
--
2.0
2.2
2.3
M
Ω
PIN CONFIGURATION
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.21
Http: //www.silan.com.cn
Page 3 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com