Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8821 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC8821
Description  ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8821 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC8821 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC8821
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2009.05.05
Http: //www.silan.com.cn
Page 4 of 10
Release of Overcharge State
There are two ways to return to normal state from overcharge state
• If the battery is self discharging and VDD<VOCR occurs, it returns to normal state.
• Remove the charger and connected to a load. If VOCR<VDD<VOCU and VCSI>VOI1 occurs, it returns to
normal state.
Overdischarge Detection
When enters discharging state from normal state, the battery voltage can be detected from VDD. When the load
is connected between VBAT+ and VBAT-, if VDD is smaller than VODL and the delay time is over TOD; then the
battery voltage enters overdischarge state, VBAT- current is 0 and stop discharging. At the same time, CSI is
pulled to VDD with internal resistor RCSID. If VCSI>VOI2, the protection IC enters into Power-down mode. (Its
current consumption is lower than 0.3
μA).
Release of Power-Down State
When the battery remains in Power-down state, if a charger is connected between VBAT+ and VBAT-. And
VCH<VCSI<VOI2 & VDD<VODR occur, it releases Power-down state. If VDD>VODR occurs, it returns to normal
state.
Charger Detection
If a charger is connected between VBAT+ and VBAT- while the battery remains in Power-down state, and the
voltages become VCSI<VCH and VDD>VODL, it returns to normal state.
Abnormal Charging Detection
If a charger is connected between VBAT+ and VBAT- in normal state, if VCSI<VCH, and the delay time is over
TOC , then VBAT- current is 0 and stop charging.
Over Current/Short Current Detection
In normal state, the load is connected between VBAT+ and VBAT- ,when the discharging current is too big and
the CSI voltage is larger than VOIX (VIO1 or VIO2),and the delay time is over TOIX (TIO1 or TIO2), it means the
over current/short current state occurs. CSI is pulled to VSS with an internal resistor RCSIS, VBAT- current is 0
and VBAT- voltage is pulled to VDD because of the load.
Release of Over Current/Short Current State
While the protection IC remains in Over Current/Short Current state, and the load is removed or the impedance
between VBAT+ and VBAT- is larger than 500K
Ω and VCSI<VOI1, it is back to normal state.
0V charging forbidden
When a charger is connected between VBAT+ and VBAT- and VDD<VINH, the current at VBAT- is 0 and battery
can not be charged..
0V charging allowed
When a charger with the voltage over VCHA is connected between VBAT+ and VBAT, the battery can be
charged.
Note: when a battery is connected to a protection IC at first time, the IC may not enter the normal state, it can
not discharge. If happens, please connect charger between VBAT+ and VBAT- to enter the normal state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com