Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8821 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC8821
Description  ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8821 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC8821 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8821 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC8821
ONE-CELL LI+ BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.2
2009.05.05
Http: //www.silan.com.cn
Page 1 of 10
ORDERING INFORMATION
Part No.
Package
0V Charging
Marking
SC8821
TSSOP-8-225-0.65
Forbid
8821
SC8821A
TSSOP-8-225-0.65
Allow
8821A
BLOCK DIAGRAM
TSSOP-8-225-0.65
DESCRIPTION
SC8821 is a Li+ battery protection circuit with built-in MOSFET. It is
suitable for protecting LI+ battery against damage from over
charge, over discharge, and over current. It contains high accurate
voltage detection and delay circuits.
FEATURES
* Built-in low equivalent on-resistance (30m
Ω) N-type MOSFET
* Low supply current
* Overcharge detection 4.28V, overcharge release 4.10V
* Overdischarge detection 2.50V, overchdisarge release 2.90V
* Over current detection 0.15V and short current detection 1.00V
* Built-in detection time delay of overcharge, overdischarge and
overcurrent
* Charger detection
* Reset resistance for over current protection
* Wide supply voltage range
APPLICATIONS
* Protection IC for One-Cell Li+ Battery


Similar Part No. - SC8821

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8801 FAIRVIEW-SC8801 Datasheet
594Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8803 FAIRVIEW-SC8803 Datasheet
596Kb / 3P
RA SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8804 FAIRVIEW-SC8804 Datasheet
384Kb / 2P
SMC Jack Bulkhead PCB Connector 0.062 inch End Launch Solder Attachment
REV 1.0
SC8805 FAIRVIEW-SC8805 Datasheet
426Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
SC8806 FAIRVIEW-SC8806 Datasheet
487Kb / 3P
SMC Plug Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
More results

Similar Description - SC8821

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8636 AAT-AAT8636 Datasheet
162Kb / 16P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 1.0
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
logo
Fortune Semiconductor C...
DW01HA FORTUNE-DW01HA Datasheet
1Mb / 14P
One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
DW01M FORTUNE-DW01M Datasheet
1Mb / 17P
One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
FS8820P FORTUNE-FS8820P Datasheet
1Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
FS8601RA FORTUNE-FS8601RA Datasheet
1Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
FS8601HX FORTUNE-FS8601HX Datasheet
940Kb / 15P
One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com