Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC46166 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC46166
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC46166 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SC46166
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Rating
Unit
Characteristics
-0.3~+6
V
VDD Supply Voltage
-0.3~+6
V
LX Voltage
-0.3~+6
V
EN Voltage
-0.3~+6
V
FB Voltage
-40 ~ + 85
°C
Operating Temperature
-65 ~ +125
Storage Temperature
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VIN=1.5V,VDD=3.3V,Load Current=0 Unless otherwise
specified)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Minimum Start-Up Voltage
VST
IL=1mA, Measured On VDD
--
0.85
0.9
V
Operating VDD Range
VDD
VDD pin voltage
2.5
--
6
V
Feedback Reference Voltage
VFB
1.2
1.23
1.26
V
Quiescent Current (Power
Saving Mode)
Iswitch off FB=1.4V
--
20
30
μA
Quiescent Current (Shutdown)
Ist
EN=0V
--
0.1
1
μA
Quiescent Current (PWM active
Mode)
IQ
Measured On VDD, Nonswitching
--
300
360
μA
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 2 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com