Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC46166 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC46166
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC46166 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC46166
current mode PWM operation,SC46166 automatically detects the output, if the output load current falls below an
internally programmed threshold (The threshold has an dependence on the input voltage, output voltage and also
the value of the external inductor.), it shifts to Power Saving Mode operation, in which the IC consumes only 20
μA,
the efficiency is increased. However, the output ripple typically increases. Power Saving Mode ripple can be
reduced, by placing a small feed-forward capacitor (An empirical suggestion is around 0.1~10nF) between VOUT
and FB pins.
Operating at heavy loads for a long time, the die temperature will rise, if the die temperature continues to rise and
reaches 150
°C, the device shuts off entirely, the part will be enabled again when the die temperature drops by about
20
°C.
APPLICATIONS INFORMATION
Output Voltage Setting
Referring to the figure1, the output voltage of the switching regulator (VOUT) can be set with Equation following:
)X1.23V
R2
R1
(1
VOUT
+
=
Feedback Loop Design
Referring to Application Circuit of figure1, the selection of R1 and R2 are based on the trade-off between
quiescent current consumption and interference immunity. Higher R reduces the quiescent current (Path current =
1.23V/R2), however resistors beyond 5M
Ω , are not recommended. Lower R gives better noise immunity, and is
less sensitive to interference, layout parasitics, FB node leakage, and improper probing to FB pins. A proper value
of feed-forward capacitor C1 parallel with R1 can improve the noise immunity of the feedback loops, especially in
an improper layout. An empirical suggestion is around 100pF~1nF for feedback resistors of M
Ω, and 10nF~100nF
for feedback resistors of hundreds k
Ω.
COMPONENT SELECTION
Inductor Selection
The SC46166 can utilize small surface mount and chip inductors due to its fast 500kHz switching frequency.
Typically, a 4.7
μH inductor is recommended for most applications. Larger values of inductance will allow greater
output current capability by reducing the inductor ripple current. Increasing the inductance above will also increase
size .
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 4 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com