Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST079 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST079
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST079 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4ST079 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST079 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST079 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
Rev. V6
MA4ST079 thru MA4ST083 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Cost
• Very High Capacitance Ratio from 1 to 8 Volts
• Surface Mount Package
• High Quality Factor
• Useful for Battery Applications
• SPC Monitored Ion Implantation for Excellent C-
V Repeatability
• Singles and Common Cathode Pairs
• Available in Tape and Reel
• Lead-Free (RoHs Compliant) equivalents avail-
able with 260°C reflow compatibility
Description
The MA4ST079 through MA4ST083 series of silicon
hyperabrupt junction tuning varactors is produced
with ion implantation and advanced epitaxial growth
techniques. These diodes have thermal oxide pas-
sivation, and feature very high capacitance ratio and
quality factor. They are well suited for use from the
sub-HF through UHF frequency range. The standard
capacitance tolerance is ±10%, with tighter toler-
ances available. Capacitance matching at one or
more bias voltages is also available.These diodes
are offered with standard Sn/Pb plating , as well as
100% matte Sn plating on our RoHs compliant
equivalent devices.
Applications
The MA4ST079 through MA4ST083 series of hy-
perabrupt junction tuning varactors is suggested for
usage where a large frequency change is required
with only a small change in tuning voltage. This se-
ries is appropriate for usage in wide band voltage-
controlled oscillators and voltage controlled filters
which require the largest rate of change of capaci-
tance with voltage. The large change in capacitance
from 1 to 8 volts makes them very attractive for bat-
tery operated or other systems with limited available
control voltage. The MA4ST079 through MA4ST083
family can be used in VCOs and VTFs from approxi-
mately 100 KHz through the UHF frequency band.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-65 °C to +125 °C
Storage Temperature
-65 °C to +125 °C
Power Dissipation
50mW @25°C
Part Number
RoHs Compliant Part Number
3
MA4ST079
MAVR-000079-XXXXXX
MA4ST080
MAVR-000080-XXXXXX
MA4ST081
MAVR-000081-XXXXXX
MA4ST082
MAVR-000082-XXXXXX
MA4ST083
MAVR-000083-XXXXXX
3. Suffix refers to package style , configuration and packaging
requirements. See electrical specification for complete
part number offerings
SOT-23
Configurations
Ordering Information
Specifications are subject to change without prior notification


Similar Part No. - MA4ST079

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079 MACOM-MA4ST079 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results

Similar Description - MA4ST079

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
Hyperabrupt Tuning Varactors
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
Hyperabrupt Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
Hyperabrupt Tuning Varactors
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
Hyperabrupt Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com