Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST079 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST079
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST079 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4ST079 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST079 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST079 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
Rev. V6
MA4ST079 thru MA4ST083 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10µA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
Temperature Coefficient of Capacitance @VR=8 Volts, TCC=400ppm/°C Typical
1.
The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2.
Capacitance @ 1 MHz
3.
Performance curves also reflect that of the RoHs equivalent part
Typical Performance Curves
3
Part Number
Base
1
RoHS Compliant
Part No. Base
1
Typ.
Capacitance
Ratio
Ct1V/Ct8V
Typical Q
VR = 1 V
f = 1 MHz
VR = 2.5 V
f = 1 MHz
VR = 4 V
f = 1 MHz
VR = 8 V
f = 1 MHz
VR = 1V/8V
f = 1 MHz
VR = 4 V
f = 50 MHz
Min.
Min.
Max.
Max
Max.
Typ.
Typ.
MA4ST079CK-287T
MAVR-000079-0287FT
87.4
48.7
59.5
27.3
11.8
9.1
80
MA4ST080-287T
MAVR-000080-0287AT
40.0
22.3
27.3
13.1
5.5
8.9
150
MA4ST080CK-287T
MAVR-000080-0287FT
40.0
22.3
27.3
13.1
5.5
8.9
150
MA4ST081-287T
MAVR-000081-0287AT
16.2
9.1
11.1
5.2
2.4
8.5
300
MA4ST081CK-287T
MAVR-000081-0287FT
16.2
9.1
11.1
5.2
2.4
8.5
300
MA4ST082-287T
MAVR-000082-0287AT
11.5
6.6
8.0
3.8
1.8
8.2
350
MA4ST082CK-287T
-
11.5
6.6
8.0
3.8
1.8
8.2
350
MA4ST083-287T
MAVR-000083-0287AT
7.9
4.5
5.5
2.6
1.3
7.8
450
MA4ST083CK-287T
MAVR-000083-0287FT
7.9
4.5
5.5
2.6
1.3
7.8
450
Ct (pF)
2
Total Capacitance vs. Reverse Voltage
Nominal vs. Reverse Voltage
Specifications are subject to change without prior notification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com