Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST200 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST200
Description  Low-Voltage / High Q Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST200 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4ST200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Low-Voltage / High Q Si Hyperabrupt Varactors
Rev. V5
MA4ST200 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount Packages
(SOT-23, SC70 3LD, SOD-323)
• High Q at Low Voltages
• High Capacitance Ratio at Low Voltages
• SPC Process for Superior C-V Repeatability
• Available as Single and Common Cathode Pairs
Tape and Reel Packaging
• Designed for Commercial Wireless Applications
• Lead-Free (RoHS Compliant) equivalents avail-
able with 260°C reflow compatibility
Description
M/A-COM’s MA4ST200 series is a ion-implanted,
hyperabrupt junction, silicon tuning varactors in
SOT-23, SC70 3LD, and SOD- 323 surface mount
packages. This series of varactors is designed for
high Q and low voltage operation. Each varactor
type has a Q greater than 400 at -2 V. These diodes
are offered with standard Sn/Pb plating , as well as
100% matte Sn plating on our RoHS compliant
equivalent devices.
Applications
The MA4ST200 series tuning varactors are useful
for wide band tuning and low phase noise applica-
tions where the supply voltage is limited to 5 volts or
less. These varactors have been specifically de-
signed for use in the wireless communications up to
the 2.4 GHz band. Applications include VCOs and
voltage tuned filters.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Total Power Dissipation
250 mW
Part Number
RoHS Compliant Base
Part Number
MA4ST230
MAVR-000230
MA4ST240
MAVR-000240
MA4ST250
MAVR-000250
0.25
0.5
0.75
1.0
2.0
3.0
350
FREQUENCY (GHz)
JCT
NMT
AMPS
TACS
NMT
IS-136/95
GSM
PDC
CT2
Active Pagers
DECT
PHP
DCS1800
WLAN
GPS
PCS
SMR
340
330
320
Typical Device Selection by Frequency
Configurations
RoHS Compliant Parts
Specifications are subject to change without prior notification


Similar Part No. - MA4ST200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MACOM-MA4ST200 Datasheet
119Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST200 MACOM-MA4ST200_1 Datasheet
119Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300_1 Datasheet
100Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200_15 Datasheet
736Kb / 8P
Low-Voltage / High Q Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com