Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST200
Description  Low-Voltage / High Q Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4ST200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Low-Voltage / High Q Si Hyperabrupt Varactors
Rev. V5
MA4ST200 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
3. The suffix defines package style, configuration and packaging information. Contact representative for complete part identification.
Example : The MA4ST250-1141T RoHS compliant version is MAVR-000250-11410T .
4. Capacitance @ 1 MHz
Part No.
RoHS Compliant Base Part
No.
CJ0 (pF)
VJ (V)
M
MA4ST230
MAVR-000230
12.0
4.085
2.228
MA4ST240
MAVR-000240
8.16
4.930
2.520
MA4ST250
MAVR-000250
6.19
4.774
2.458
Part Number
Base
RoHS Compliant
Part Number Base
3
Capacitance
Ratio
Q Factor
(pF)
(pF)
f = 1 MHz, VR = 2.0 V
f = 1 MHz
VR = 4.0 V
CT0.5/CT4.0
f = 50 MHz
VR = 2.0 V
Min.
Nom.
Max.
Max.
Typ.
Min.
MA4ST230
MAVR-000230-XXXXXX
4.5
5.0
6.0
3.1
3.5
400
MA4ST240
MAVR-000240-XXXXXX
3.0
3.5
4.2
2.3
3.5
450
MA4ST250
MAVR-000250-XXXXXX
2.3
2.7
3.5
1.8
3.5
450
CT
4
Ls
Cp
Cj
Rs
Package
Parasitics
Parasitics:
Cp= 0.15 pF
Ls= 0.1 nH
Intrinsic Diode
Model:
N = 1.1
CJ0=(see table below)
VJ = (see table below)
FC = 0.5
BV = 12.0 V
M = (see table below)
Spice Model
Specifications are subject to change without prior notification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com