Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0046 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0046
Description  Broadband IF Driver Amplifier 50 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0046 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0046 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Broadband IF Driver Amplifier
50 - 2500 MHz
Rev. V2
MAAMSS0046
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broadband Operation
• Output Intercept Point: +38.5 dBm @ 250 MHz
• Output P1dB: +19 dBm
• High Efficiency
• 50 Ω Input/Output Match
• Gain: 18 dB @ 250 MHz
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAMSS0017
Description
M/A-COM’s MAAMSS0046 driver amplifier is a
GaAs MMIC which exhibits high OIP3 as well as
high gain and low power consumption in a lead-free
SOT-89 surface mount plastic package.
The MAAMSS0046 employs a monolithic single
stage design featuring a convenient 50
Ω input /
output impedance that minimizes the number of
external components required.
The device runs off
a single +5 volt supply and draws 70 mA typically.
The MAAMSS0046 is fabricated using M/A-COM’s
iHBT process to realize low current and high power
functionality. The process features full passivation
for increased performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Input
3
RF Output/Bias
2
Ground
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
RF Input Power
6
15 dBm
Voltage
6 Volts
Junction Temperature
7
+150°C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. The MAAMSS0046 is designed to operate optimally at 10 dB
backed off from its output P1dB. Driving the device at higher
power levels could degrade performance.
7. Thermal Resistance = 110°C/W.
Functional Schematic
RF In
RF Out
Pin 1
RF In
RF Out
Pin 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Maximum Operating Conditions 3
Parameter
Maximum Operating
Conditions
Junction Temperature
125°C
RF Input Power
14 dBm
3. Operating at or within these conditions will ensure MTTF > 1 x
10
6 hours.
Ordering Information 1,2
Part Number
Package
MAAMSS0046TR-3000
3000 piece reel
MAAMSS0046SMB
Sample Board
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAMSS0046

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046SMB MACOM-MAAMSS0046SMB Datasheet
208Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046TR-3000 MACOM-MAAMSS0046TR-3000 Datasheet
208Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
More results

Similar Description - MAAMSS0046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
1400 - 2500 MHz Linear Power Amplifier Driver
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MACOM-MAAM-007866-0P1R00 Datasheet
354Kb / 6P
Broadband Driver Amplifier 50 to 3300 MHz
MAAMSS0017 MACOM-MAAMSS0017 Datasheet
205Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN_1 Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MA-COM-MAAM-007866-0P1R00 Datasheet
222Kb / 6P
Broadband Driver Amplifier 50 to 3300 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com