Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0046 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0046
Description  Broadband IF Driver Amplifier 50 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0046 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0046 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0046 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband IF Driver Amplifier
50 - 2500 MHz
Rev. V2
MAAMSS0046
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VCC = 5 V, Z0 = 50 Ω, PIN ≤ -10 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
250 MHz
50 - 600 MHz
600 - 1500 MHz
1500 - 2000 MHz
2000 - 2500 MHz
dB
dB
dB
dB
dB
15.5
—
—
—
—
18
17
12.5
10.5
8
19.5
—
—
—
—
Noise Figure
50 - 600 MHz
600 - 1500 MHz
1500 - 2500 MHz
dB
dB
dB
—
—
—
4.8
5.1
5.3
—
—
—
Input Return Loss
50 - 600 MHz
600 - 2500 MHz
dB
dB
—
—
10
13
—
—
Output Return Loss
50 - 600 MHz
600 - 1500 MHz
1500 - 2500 MHz
dB
dB
dB
—
—
—
10
13
10
—
—
—
Output
1dB Compression
50 - 600 MHz
600 - 2500 MHz
dBm
dBm
—
—
20
19
—
—
Output IP3
Two tone, PIN / Tone = -13 dBm, Tone spacing = 10 MHz
250 MHz
50 - 600 MHz
600 - 2500 MHz
dBm
dBm
dBm
35
—
—
38.5
37
34
—
—
—
Current
—
mA
—
70
100
Component List
Part
Value
Package
Manufacturer
C1
150 pF
0603
Murata
C2
0.1 µF
0603
Murata
C3
1000 pF
0603
Murata
L1
180 nH
1008
Coilcraft
Schematic Including Off-Chip Components
PCB Configuration
Operating the MAAMSS0046
The MAAMSS0046 can be damaged by electrostatic
discharge
(ESD).
Use
proper
ESD
control
techniques when handling this device. To operate
the MAAMSS0046, follow these steps.
1. Apply VCC (5.0 V).
2. Set PIN.
3. Turn off in reverse order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com