Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0070 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0070
Description  High Dynamic Range Amplifier 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0070 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAMSS0070 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
11
High Dynamic Range Amplifier
250 - 3800 MHz
Rev. V4
MAAMSS0070
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves, 3500 MHz Configuration
Gain
Applications Section
Input Return Loss
Output Return Loss
Noise Figure
P1dB
Output IP3
-25
-20
-15
-10
-5
0
3.23.3
3.43.5
3.63.7
3.8
+25°C
-40°C
+85°C
Frequency (GHz)
-25
-20
-15
-10
-5
0
3.23.3
3.43.5
3.63.7
3.8
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
5
6
3.43.453.5
3.55
3.6
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
0
5
10
15
20
25
+25°C
-40°C
+85°C
Output Power (dBm)
0
10
20
30
40
50
0
5
10
15
20
+25°C
-40°C
+85°C
Output Power (dBm)/Tone
0
4
8
12
16
20
3.23.3
3.43.5
3.63.7
3.8
+25°C
-40°C
+85°C
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com