Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0070 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0070
Description  High Dynamic Range Amplifier 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0070 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0070 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAMSS0070 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Dynamic Range Amplifier
250 - 3800 MHz
Rev. V4
MAAMSS0070
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for high linearity applications over a wide
dynamic range
• Low Noise Figure
• High IP3
• Single +5 V Supply Voltage
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAAMSS0070 broadband gain stage is
a GaAs MMIC amplifier in a lead-free SOT-89
surface mount plastic package. It can be operated
from a single 5 volt supply.
The MAAMSS0070 broadband design provides low
noise figure and high IP3 from 250 to 3800 MHz.
M/A-COM fabricates the MAAMSS0070 using a
MESFET process to realize low noise and high
dynamic range.
Pin Configuration
Pin No.
Pin Name
Description
1
RF In
RF Input
2
GND
Ground
3
RF Out/VDD
RF Output & Voltage Bias
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
Functional Block Diagram
Ordering Information 1
1. Reference Application Note M513 for reel size information.
2. Sample board includes 5 loose parts.
Part Number
Package
MAAMSS0070
Bulk Packaging
MAAMSS0070TR-3000
3000 piece reel
MAAM-000070-001SMB2
Sample Board, 2140 MHz tuning
MAAM-000070-002SMB2
Sample Board, 900 MHz tuning
MAAM-000070-003SMB2
Sample Board, 1900 MHz tuning
MAAM-000070-004SMB2
Sample Board, 2400 MHz tuning
MAAM-000070-005SMB2
Sample Board, 3500 MHz tuning
MAAMSS0070TR-1000
1000 piece reel
Maximum Operating Conditions 2
Parameter
Maximum Operating
Conditions
Junction Temperature 3
150°C
RF Input Power
+10 dBm
Operating Temperature
-40°C to +85°C
2. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
3. Typical thermal resistance (Өjc) = 70°C/W.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
RF Output Power
23 dBm
Voltage
6 volts
Storage Temperature
-65°C to +150°C
Junction Temperature
200°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAAMSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
MAAMSS0070TR-1000 MACOM-MAAMSS0070TR-1000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
MAAMSS0070TR-3000 MACOM-MAAMSS0070TR-3000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAMSS0070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
50MHz to 870 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
800 to 2700 MHz High Dynamic Range Amplifier
logo
Skyworks Solutions Inc.
AL106-84 SKYWORKS-AL106-84 Datasheet
29Kb / 3P
GaAs IC 900 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC Datasheet
471Kb / 5P
50-870 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
800-2700 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC_07 Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com