Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0016 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016
Description  Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 8,9: TA = 25°C, Z0 = 50 Ω, VDD = 2.8 to 5V, VC = 2.5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
1.0 GHz
dB
—
1.5
3.0
Attenuation Accuracy
1.0 GHz
All bits except 31 dB
± (0.3 dB + 1% of attenuation setting in dB) dB
VSWR
0.05 - 4.0 GHz
Ratio
—
1.5:1
—
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
—
40
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
—
65
—
Transients
In Band
mV
—
75
—
Input P1dB
2.0 GHz
dBm
—
30
—
Input IP2
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5 GHz
2.0 GHz
dBm
—
—
75
80
—
—
Input IP3
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5, 2.0 GHz
dBm
—
42
—
IC
VC = 2.5 V
µA
—
20
25
IDD
VDD = 5 V
µA
—
200
300
Attenuation Accuracy
1.0 GHz, 31 dB
dB
30
—
32
8. External DC blocking capacitors are required on all RF ports.
9. Low frequency is determined by DC block and GND capacitor value.
Truth Table 10
VC1 VC2
VC4
VC8 VC16 Attenuation (dB)
0
0
0
0
0
Reference IL
1
0
0
0
0
1
0
1
0
0
0
2
0
0
1
0
0
4
0
0
0
1
0
8
0
0
0
0
1
16
1
1
1
1
1
31
10. 0 = 0V, 1 = +2.5 to 5V.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Recommended PCB
Off-Chip Component Values
Component
Value
Package
C1 - C10
1000 Pf
0201



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com