Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0016 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0016 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0016
Download  MAADSS0016 Download
File Size   198.56 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz

MAADSS0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0016 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016
Download  MAADSS0016 Click to download

File Size   198.56 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz

MAADSS0016 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0016 Product details

Description
The MAADSS0016 is a 5-Bit, 1dB step GaAs MMIC digital attenuator in a lead-free 3mm 16 lead PQFN surface mount plastic package. This device is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required.

Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 1.5 dB @ 1.0 GHz
• IP3: >40 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.3 dB + 1% @ 1.0 GHz
• 1-dB Attenuation Steps to 31 dB
• Low DC Power Consumption
• Lead-Free 3mm PQFN-16LD Plastic Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0016SMB MA-COM-MAADSS0016SMB Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAADSS0016TR-1000 MA-COM-MAADSS0016TR-1000 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAADSS0016TR-3000 MA-COM-MAADSS0016TR-3000 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
Digital Attenuator, 5-Bit, Single Control
More results


Similar Description - MAADSS0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com