Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0013 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0013 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0013
Download  MAADSS0013 Download
File Size   124.41 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz

MAADSS0013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0013 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013
Download  MAADSS0013 Click to download

File Size   124.41 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz

MAADSS0013 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0013 Product details

Description
The MAADSS0013 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free 3mm PQFN-16LD surface mount plastic package. The MAADSS0013 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits.

Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 1 dB @ 1.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.2 dB + 2% @ 1.0 GHz
• 1-dB Attenuation Steps to 15 dB
• Low DC Power Consumption
• Lead-Free 3mm PQFN-16LD Plastic Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013 MA-COM-MAADSS0013 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0013SMB MA-COM-MAADSS0013SMB Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0013TR-1000 MA-COM-MAADSS0013TR-1000 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0013TR-3000 MA-COM-MAADSS0013TR-3000 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
More results


Similar Description - MAADSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com