Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-226 Datasheet (PDF) - Tyco Electronics

AT-226 Datasheet PDF - Tyco Electronics
Part # AT-226
Download  AT-226 Download
File Size   99.87 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz

AT-226 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-226 Datasheet PDF - Tyco Electronics

Part # AT-226
Download  AT-226 Click to download

File Size   99.87 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz

AT-226 Datasheet (HTML) - Tyco Electronics


AT-226 Product details

Description
The M/A-COM AT-226 is a 4 bit, 1 dB step GaAs MMIC digital attenuator in a low cost TSSOP-16 surface mount plastic package. The AT-226 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain/level control circuits.

Features
• Single Control CMOS logic for each bit
• Attenuation: 1 dB steps to 15 dB
• Low DC Power Consumtion: 50 uW
• Low Cost Plastic TSSOP - 16 Package




Similar Part No. - AT-226

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
logo
Hirose Electric
AT-220 HIROSE-AT-220 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
168Kb / 3P
Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
logo
Hirose Electric
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
More results


Similar Description - AT-226

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com