Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-264 Datasheet (PDF) - Tyco Electronics

AT-264 Datasheet PDF - Tyco Electronics
Part # AT-264
Download  AT-264 Download
File Size   59.84 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz

AT-264 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-264 Datasheet PDF - Tyco Electronics

Part # AT-264
Download  AT-264 Click to download

File Size   59.84 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz

AT-264 Datasheet (HTML) - Tyco Electronics


AT-264 Product details

Description
The M/A-COM AT-264 is a 4 bit, 2 dB step GaAs MMIC digital attenuator in a low cost TSSOP-16 surface mount plastic package. The AT-264 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain/level control circuits.

Features
• Single Control CMOS logic for each bit
• Attenuation 2 dB steps to 30 dB
• Low DC Power Consumtion: 50 uW
• Low Cost Plastic TSSOP-16 Package




Similar Part No. - AT-264

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-264 MACOM-AT-264 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
653Kb / 5P
Digital Attenuator, 4-Bit, Single Control
More results


Similar Description - AT-264

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com