Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0019 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0019
Download  MAADSS0019 Download
File Size   131.65 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz

MAADSS0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0019
Download  MAADSS0019 Click to download

File Size   131.65 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz

MAADSS0019 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0019 Product details

Description

M/A-COM’s MAADSS0019 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free 3mm 16 lead PQFN surface mount plastic package. The MAADSS0019 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products  are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits.



Features

•  Integrated e/d Logic on chip

•  Positive Single Control

•  Insertion Loss 1.9 dB @ 6.0 GHz

•  IP3: 42 dBm typical @ 2.0 GHz

•  1 dB Attenuation Steps to 15 dB

•  Lead-Free 3 mm 16-Lead PQFN Package

•  Halogen-Free “Green” Mold Compound

•  RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0019

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019_15 Datasheet
131Kb / 4P
Digital Attenuator
More results


Similar Description - MAADSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com