Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0015 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0015 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0015
Download  MAATSS0015 Download
File Size   82.89 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz

MAATSS0015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0015 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0015
Download  MAATSS0015 Click to download

File Size   82.89 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz

MAATSS0015 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0015 Product details

Description
M/A-COM’s MAATSS0015 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free SOIC 16-lead surface mount plastic package. The MAATSS0015 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, and wireless LANs, GPS equipment and other gain/ level control circuits.

Features
• 1-dB Attenuation Steps to 15 dB
• High Accuracy
• Low Intermodulation Product: +50 dBm IP3
• Low DC Power Consumption: 50 µW
• Tape and Reel Packaging Available
• Temperature Stability +/-0.15 dB: -40°C to +85°C
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• RoHS* Compliant Version of AT-210




Similar Part No. - MAATSS0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0015TR MACOM-MAATSS0015TR Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015_15 Datasheet
82Kb / 3P
Digital Attenuator
More results


Similar Description - MAATSS0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com