Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-267 Datasheet (PDF) - Tyco Electronics

AT-267 Datasheet PDF - Tyco Electronics
Part # AT-267
Download  AT-267 Download
File Size   81.46 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz

AT-267 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-267 Datasheet PDF - Tyco Electronics

Part # AT-267
Download  AT-267 Click to download

File Size   81.46 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz

AT-267 Datasheet (HTML) - Tyco Electronics


AT-267 Product details

Description
M/A-COM’s AT-267 is a 1 bit, 15 dB step GaAs MMIC digital attenuator in a low cost SOT-25 5 lead surface mount plastic package. The AT-267 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required.
Typical applications include wireless handsets, base stations, wireless LAN equipment, GPS receivers and any RF applications with automatic gain/level control circuits.

Features
■ Single 15 dB Step
■ Low Loss, 0.3 dB Typical @ 900 MHz
■ 2.7 to 5.0 Volt Operation
■ Insertion Loss, Attenuation insensitive to Control Voltage
■ Low Cost SOT-25 Plastic Package
■ Tape and Reel Packaging Available




Similar Part No. - AT-267

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267SMB MACOM-AT-267SMB Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-267SMB MA-COM-AT-267SMB Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267TR MACOM-AT-267TR Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
More results


Similar Description - AT-267

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com