Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-266 Datasheet (PDF) - Tyco Electronics

AT-266 Datasheet PDF - Tyco Electronics
Part # AT-266
Download  AT-266 Download
File Size   66.26 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz

AT-266 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-266 Datasheet PDF - Tyco Electronics

Part # AT-266
Download  AT-266 Click to download

File Size   66.26 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz

AT-266 Datasheet (HTML) - Tyco Electronics


AT-266 Product details

Description
M/A-COM’s AT-266 is a 1 bit, 10 dB step GaAs MMIC Digital Attenuator in a low cost SOT-25 surface mount plastic package. The AT-266 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, wireless LANs, GPS equipment and other gain/level control circuits.

Features
• Single 10 dB Step
• Low Loss 0.3dB Typ. @ 900 MHz
• Low Cost Plastic SOT25 Package




Similar Part No. - AT-266

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
logo
Tyco Electronics
AT-266TR MACOM-AT-266TR Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-266TR MA-COM-AT-266TR Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
More results


Similar Description - AT-266

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com