Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0018 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0018 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0018
Download  MAATSS0018 Download
File Size   126.4 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz

MAATSS0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0018 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0018
Download  MAATSS0018 Click to download

File Size   126.4 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz

MAATSS0018 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0018 Product details

Description
The MAATSS0018 is a 1 bit, 10 dB step GaAs MMIC digital attenuator in a lead-free SOT-25 surface mount plastic package.
The MAATSS0018 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, wireless LANs, GPS equipment and other gain / level control circuits.

Features
• Single 10 dB Step
• Low Loss: 0.3 dB @ 900 MHz
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-266




Similar Part No. - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
561Kb / 5P
Digital Attenuator, 10 dB, 1-Bit
MAATSS0018SMB MA-COM-MAATSS0018SMB Datasheet
561Kb / 5P
Digital Attenuator, 10 dB, 1-Bit
logo
Tyco Electronics
MAATSS0018TR MACOM-MAATSS0018TR Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
More results


Similar Description - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com