Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0018 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0018 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0018
Download  MAATSS0018 Download
File Size   561.52 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 10 dB, 1-Bit

MAATSS0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0018 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0018
Download  MAATSS0018 Click to download

File Size   561.52 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 10 dB, 1-Bit

MAATSS0018 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0018TR MACOM-MAATSS0018TR Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018TR MA-COM-MAATSS0018TR Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
More results


Similar Description - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com