Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-210 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT-210 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT-210
Download  AT-210 Download
File Size   90.48 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz

AT-210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-210 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT-210
Download  AT-210 Click to download

File Size   90.48 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz

AT-210 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT-210 Product details

Description
M/A-COM’s AT-210 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-210 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, and wireless LANs, GPS equipment and other Gain/Level Control circuits.
The AT-210 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.

Features
• Attenuation 1-dB Steps to 15 dB
• High Accuracy
• Low Intermodulation Product: +50 dBm IP3
• Low DC Power Consumption: 50 µW
• SOIC-16 Plastic Package
• Tape and Reel Packaging Available
• Temperature Stability +/-0.15 dB: -40°C to +85°C




Similar Part No. - AT-210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-210 MACOM-AT-210 Datasheet
146Kb / 2P
Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
logo
Hirose Electric
AT-210 HIROSE-AT-210 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-210 MACOM-AT-210 Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
AT-210PIN MACOM-AT-210PIN Datasheet
146Kb / 2P
Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
AT-210PIN MACOM-AT-210PIN Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
More results


Similar Description - AT-210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com