Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-220 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT-220 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT-220
Download  AT-220 Download
File Size   72.3 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz

AT-220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-220 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT-220
Download  AT-220 Click to download

File Size   72.3 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz

AT-220 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT-220 Product details

Description
M/A-COM’s AT-220 is a 4-bit, 2-dB step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-220 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio and cellular equipment, wireless LANs, GPS equipment and other Gain/Level Control circuits.

Features
• Attenuation 2-dB Steps to 30 dB
• High Accuracy
• Low Intermodulation Product: +50 dBm IP3
• Low DC Power Consumption: 50 µW
• SOIC-16 Plastic Package
• Tape and Reel Packaging Available
• Temperature Stability +/-0.15 dB: -40°C to +85°C




Similar Part No. - AT-220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
logo
Hirose Electric
AT-220 HIROSE-AT-220 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
168Kb / 3P
Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz
logo
Hirose Electric
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2201 HIROSE-AT-2201 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
More results


Similar Description - AT-220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com