Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-210 Datasheet (PDF) - Tyco Electronics

AT-210 Datasheet PDF - Tyco Electronics
Part # AT-210
Download  AT-210 Download
File Size   146.8 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz

AT-210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-210 Datasheet PDF - Tyco Electronics

Part # AT-210
Download  AT-210 Click to download

File Size   146.8 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz

AT-210 Datasheet (HTML) - Tyco Electronics


AT-210 Product details

Description
M/A-COM’s AT-210 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-210 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, and wireless LANs, GPS equipment and other Gain/Level Control circuits.
The AT-210 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.

Features
● Attenuation 1-dB Steps to 15 dB
● High Accuracy +/-3%
● Temperature Stability +/-0.15 dB from -40°C to +85°C
● Low Intermodulation Product: +50 dBm IP3
● Low DC Power Consumption: 50 mW
● Low Cost SOIC16 Plastic Package
● Tape and Reel Packaging Available1




Similar Part No. - AT-210

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-210 HIROSE-AT-210 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-210 MACOM-AT-210 Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-210PIN MACOM-AT-210PIN Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210PIN MA-COM-AT-210PIN Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
More results


Similar Description - AT-210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-635 MACOM-AT-635 Datasheet
177Kb / 2P
Vo l t age Va r i a ble Absorptive Attenu a t o r, 35 dB DC - 2 GHz
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-213 MACOM-AT-213 Datasheet
240Kb / 3P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com