Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0019 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0019
Download  MAATSS0019 Download
File Size   177.43 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz

MAATSS0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0019 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0019
Download  MAATSS0019 Click to download

File Size   177.43 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz

MAATSS0019 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0019 Product details

Description
The M/A-COM MAATSS0019 is a 4 Bit, 1 dB step GaAs MMIC digital attenuator in a lead-free TSSOP-16 surface mount plastic package. The MAATSS0019 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits.

Features
 • Single Control CMOS Logic for Each Bit
 • Attenuation: 1 dB Steps to 15 dB
 • Low DC Power Consumption: 50 µW
 • Lead-Free TSSOP-16 Package
 • 100% Matte Tin Plating over Copper
 • Halogen-Free “Green” Mold Compound
 • RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator
MAATSS0019 MA-COM-MAATSS0019 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
MAATSS0019SMB MA-COM-MAATSS0019SMB Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
logo
Tyco Electronics
MAATSS0019TR MACOM-MAATSS0019TR Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
More results


Similar Description - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com