Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0014 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0014
Download  MAADSS0014 Download
File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz

MAADSS0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0014
Download  MAADSS0014 Click to download

File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz

MAADSS0014 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0014 Product details

Description
The MAADSS0014 is a 4-Bit, 2dB step GaAs MMIC digital attenuator in a lead-free 3mm PQFN-16LD surface mount plastic package. The MAADSS0014 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits.

Features
• Integrated Logic
• Positive Single Control
• Insertion Loss: 1.3 dB @ 1.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• Attenuation Accuracy: 0.2 dB + 2% @ 1.0 GHz
• 2-dB Attenuation Steps to 30 dB
• Low DC Power Consumption
• Lead-Free 3mm PQFN-16LD Plastic Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
logo
M/A-COM Technology Solu...
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAADSS0010SMB MACOM-MAADSS0010SMB Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
logo
M/A-COM Technology Solu...
MAADSS0010SMB MA-COM-MAADSS0010SMB Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAADSS0010TR MACOM-MAADSS0010TR Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
More results


Similar Description - MAADSS0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
Digital Attenuator, 4-Bit, Single Control, 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com