Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0042 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0042
Description  Low Noise Amplifier 1.575 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0042 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0042 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier
1.575 GHz
Rev. V1
MAALSS0042
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure: 1.15 dB
• High Gain: 27 dB
• Low Power Consumption: 5V, 20 mA
• High Dynamic Range
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AM50-0002
Description
M/A-COM’s MAALSS0042 is a high performance
GaAs MMIC low noise amplifier in a lead-free SOIC
8-lead surface mount plastic package.
The
MAALSS0042 employs a monolithic 3-stage self-
bias design and a simple external matching network
to obtain minimum noise figure.
The MAALSS0042 is ideally suited for use where
low noise figure, high gain, high dynamic range and
low power consumption are required.
Typical
applications include receiver front ends in the Global
Positioning System (GPS) market, as well as
standard gain blocks, buffer amps, driver amps, and
IF amps in both fixed and portable systems.
M/A-COM’S MAALSS0042 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Functional Diagram
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
Ordering Information 1,2
Part Number
Package
MAALSS0042
Bulk Packaging
MAALSS0042TR-3000
3000 piece reel
MAALSS0042SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
2. Die quantity varies.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
17 dBm
Channel Temperature 8
+150 °C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
8. Typical thermal resistance (θjc) = +165 °C/W
Pin No.
Pin Name
Description
1
GND
Ground
2
RF IN
RF Input
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
RF OUT
RF Output, VDD
7
GND
Ground
8
GND
Ground
Pin Configuration 3,4,5
3. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded (see
Recommended PCB Configuration).
4. Pin 2 is the RF input and must be connected to the simple
matching network shown in the Application Schematic.
5. Pin 6 is the RF output. VDD is also applied on Pin 6.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAALSS0042

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier
MAALSS0042 MA-COM-MAALSS0042 Datasheet
750Kb / 4P
Low Noise Amplifier
logo
Tyco Electronics
MAALSS0042SMB MACOM-MAALSS0042SMB Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042SMB MA-COM-MAALSS0042SMB Datasheet
750Kb / 4P
Low Noise Amplifier
More results

Similar Description - MAALSS0042

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
1.575 GHz Antenna
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com