Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2602B Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SN8P2602B
Description  8-Bit Micro-Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2602B Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SN8P2602B Datasheet HTML 17Page - SONiX Technology Company SN8P2602B Datasheet HTML 18Page - SONiX Technology Company SN8P2602B Datasheet HTML 19Page - SONiX Technology Company SN8P2602B Datasheet HTML 20Page - SONiX Technology Company SN8P2602B Datasheet HTML 21Page - SONiX Technology Company SN8P2602B Datasheet HTML 22Page - SONiX Technology Company SN8P2602B Datasheet HTML 23Page - SONiX Technology Company SN8P2602B Datasheet HTML 24Page - SONiX Technology Company SN8P2602B Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
SN8P2602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 21
Preliminary Version 0.4
2.1.2
CODE OPTION TABLE
Code Option
Content
Function Description
Enable
Enable Noise Filter and the Fcpu is Fosc/4~Fosc/8.
Noise_Filter
Disable
Disable Noise Filter and the Fcpu is Fosc/1~Fosc/8.
Fhosc/1
Instruction cycle is oscillator clock.
Notice: In Fosc/1, Noise Filter must be disabled.
Fhosc/2
Instruction cycle is 2 oscillator clocks.
Notice: In Fosc/2, Noise Filter must be disabled.
Fhosc/4
Instruction cycle is 4 oscillator clocks.
Fcpu
Fhosc/8
Instruction cycle is 8 oscillator clocks.
RC
Low cost RC for external high clock oscillator and XOUT becomes to P1.4
bit-direction I/O pin.
32K X’tal
Low frequency, power saving crystal (e.g. 32.768KHz) for external high
clock oscillator.
12M X’tal
High speed crystal /resonator (e.g. 12MHz) for external high clock
oscillator.
High_Clk
4M X’tal
Standard crystal /resonator (e.g. 4M) for external high clock oscillator.
Always_On
Watchdog timer is always on enable even in power down and green
mode.
Enable
Enable watchdog timer. Watchdog timer stops in power down mode and
green mode.
Watch_Dog
Disable
Disable Watchdog function.
Reset
Enable External reset pin.
Reset_Pin
P15
Enable P1.5 input only without pull-up resister.
LVD_L
LVD will reset chip if VDD is below 2.0V
LVD_M
LVD will reset chip if VDD is below 2.0V
Enable LVD24 bit of PFLAG register for 2.4V low voltage indicator.
LVD
LVD_H
LVD will reset chip if VDD is below 2.4V
Enable LVD36 bit of PFLAG register for 3.6V low voltage indicator.
Enable
Enable ROM code Security function.
Security
Disable
Disable ROM code Security function.
Note:
1.
In high noisy environment, enable “Noise Filter” and set Watch_Dog as “Always_On”
is strongly recommended. Enable “Noise_Filter” will limit the Fcpu = Fosc/4 ~ Fosc/8.
2.
If users define watchdog as “Always_On”, assembler will Enable “Watch_Dog”
automatically.
3.
Fcpu code option is only available for High Clock. Fcpu of slow mode is Fosc/4 (the
Fosc is internal low clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com